Part Number Hot Search : 
T82A6 T74LV B1185 BD9G101G IVRC059X XTV12750 2SC3930 TGT20
Product Description
Full Text Search
 

To Download STB5NK50Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/17 june 2004 STB5NK50Z/-1 - std5nk50z/-1 stp5nk50z - stp5nk50zfp n-channel 500v - 1.22 ? - 4.4a to-220/fp-d/ipak-d 2 /i 2 pak zener-protected supermesh?mosfet table 1: general features  typical r ds (on) = 1.22 ?  extremely high dv/dt capability  improved esd capability  100% avalanche rated  gate charge minimized  very low intrinsic capacitances  very good manufacturing repeatibility description the supermesh? series is obtained through an extreme optimization of st?s well established stripbased powermesh? layout. in addition to pushing on-resistance significantly down, special care is taken to ensure a very good dv/dt capability for the most demanding applications. such series complements st full range of high voltage mos- fets including revolutionary mdmesh? products. applications  high current, high speed switching  ideal for off-line power supplies, adaptors and pfc  lighting table 2: order codes figure 1: package figure 2: internal schematic diagram type v dss r ds(on) i d pw STB5NK50Z STB5NK50Z-1 std5nk50z std5nk50z-1 stp5k50z stp5k50zfp 500 v 500 v 500 v 500 v 500 v 500 v < 1.5 ? < 1.5 ? < 1.5 ? < 1.5 ? < 1.5 ? < 1.5 ? 4.4 a 4.4 a 4.4 a 4.4 a 4.4 a 4.4 a 70 w 70 w 70 w 70 w 70 w 25 w to-220fp 1 2 3 1 3 dpak 3 2 1 ipak 1 2 3 i 2 pak to-220 1 3 d 2 pak sales type marking package packaging STB5NK50Zt4 b5nk50z d 2 pak tape & reel STB5NK50Z-1 b5nk50z i 2 pak tube std5nk50zt4 d5nk50z dpak tape & reel std5nk50z-1 d5nk50z ipak tube stp5nk50z p5nk50z to-220 tube stp5nk50zfp p5nk50zfp to-220fp tube rev. 4
STB5NK50Z/-1 - std5nk50z/-1 - stp5nk50z - stp5nk50zfp 2/17 table 3: absolute maximum ratings (  ) pulse width limited by safe operating area (1) i sd 4.4a, di/dt 200a/s, v dd v (br)dss , t j t jmax. (*) limited only by maximum temperature allowed table 4: thermal data table 5: avalanche characteristics table 6: gate-source zener diode protection features of gate-to-source zener diodes the built-in back-to-back zener diodes have specifically been designed to enhance not only the device ? s esd capability, but also to make them safely absorb possible voltage transients that may occasionally be applied from gate to source. in this respect the zener voltage is appropriate to achieve an efficient and cost-effective intervention to protect the device ? s integrity. these integrated zener diodes thus avoid the usage of external components. symbol parameter value unit stp5nk50z STB5NK50Z/-1 stp5nk50zfp std5nk50z std5nk50z-1 v ds drain-source voltage (v gs = 0) 500 v v dgr drain-gate voltage (r gs = 20 k ? ) 500 v v gs gate- source voltage 30 v i d drain current (continuous) at t c = 25 c 4.4 4.4 (*) 4.4 a i d drain current (continuous) at t c = 100 c 2.7 2.7 (*) 2.7 a i dm (  ) drain current (pulsed) 17.6 17.6 (*) 17.6 a p tot total dissipation at t c = 25 c 70 25 70 w derating factor 0.56 0.2 0.56 w/ c v esd(g-s) gate source esd(hbm-c=100pf, r=1.5k ?) 3000 v dv/dt (1) peak diode recovery voltage slope 4.5 v/ns v iso insulation withstand voltage (dc) - 2500 - v t j t stg operating junction temperature storage temperature -55 to 150 -55 to 150 c c to-220 i 2 pak /d 2 pak to-220fp dpak rthj-case thermal resistance junction-case max 1.78 5 1.78 c/w rthj-amb thermal resistance junction-ambient max 62.5 c/w t l maximum lead temperature for soldering purpose 300 c symbol parameter max value unit i ar avalanche current, repetitive or not-repetitive (pulse width limited by t j max) 4.4 a e as single pulse avalanche energy (starting t j = 25 c, i d = i ar , v dd = 50 v) 130 mj symbol parameter test conditions min. typ. max. unit bv gso gate-source breakdown voltage igs= 1ma (open drain) 30 v
3/17 STB5NK50Z/-1 - std5nk50z/-1 - stp5nk50z - stp5nk50zfp electrical characteristics (t case =25 c unless otherwise specified) table 7: on /off table 8: dynamic table 9: source drain diode (1) pulsed: pulse duration = 300 s, duty cycle 1.5 %. (2) pulse width limited by safe operating area. (3) c oss eq. is defined as a constant equivalent capacitance giving the same charging time as c oss when v ds increases from 0 to 80% v dss . symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 1 ma, v gs = 0 500 v i dss zero gate voltage drain current (v gs = 0) v ds = max rating v ds = max rating, t c = 125 c 1 50 a a i gss gate-body leakage current (v ds = 0) v gs = 20 v 10 a v gs(th) gate threshold voltage v ds = v gs , i d = 50 a 3 3.75 4.5 v r ds(on static drain-source on resistance v gs = 10 v, i d = 2.2 a 1.22 1.5 ? symbol parameter test conditions min. typ. max. unit g fs (1) forward transconductance v ds = 15 v , i d = 2.2 a 3.1 s c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds = 25 v, f = 1 mhz, v gs = 0 535 75 17 pf pf pf c oss eq (3) . equivalent output capacitance v gs = 0 v, v ds = 0 to 400 v 45 pf t d(on) t r t d(off) t f turn-on delay time rise time turn-off-delay time fall time v dd = 250 v, i d = 2.2 a, r g = 4.7 ?, v gs = 10 v (see figure 19) 15 10 32 15 ns ns ns ns q g q gs q gd total gate charge gate-source charge gate-drain charge v dd = 400 v, i d = 4.4 a, v gs = 10 v (see figure 22) 20 4 10 28 nc nc nc symbol parameter test conditions min. typ. max. unit i sd i sdm (2) source-drain current source-drain current (pulsed) 4.4 17.6 a a v sd (1) forward on voltage i sd = 4.4 a, v gs = 0 1.6 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 4.4 a, di/dt = 100 a/s v dd = 30v, t j = 150 c (see figure 20) 310 1425 9.2 ns nc a
STB5NK50Z/-1 - std5nk50z/-1 - stp5nk50z - stp5nk50zfp 4/17 figure 3: safe operating area for dpak/ipak/ d 2 pak/i 2 pak/to-220 figure 4: thermal impedance for dpak/ipak/ d 2 pak/i 2 pak/to-220 figure 5: output characteristics figure 6: safe operating area for to-220fp figure 7: thermal impedance for to-220fp figure 8: transfer characteristics
5/17 STB5NK50Z/-1 - std5nk50z/-1 - stp5nk50z - stp5nk50zfp figure 9: transconductance figure 10: gate charge vs gate-source voltage figure 11: normalized gate threshold voltage vs temperature figure 12: static drain-source on resistance figure 13: capacitance variations figure 14: normalized on resistance vs tem- perature
STB5NK50Z/-1 - std5nk50z/-1 - stp5nk50z - stp5nk50zfp 6/17 figure 15: source-drain forward characteris- tics figure 16: maximum avalanche energy vs temperature figure 17: normalized bv dss vs temperature
7/17 STB5NK50Z/-1 - std5nk50z/-1 - stp5nk50z - stp5nk50zfp figure 18: unclamped inductive load test cir- cuit figure 19: switching times test circuit for resistive load figure 20: test circuit for inductive load switching and diode recovery times figure 21: unclamped inductive wafeform figure 22: gate charge test circuit
STB5NK50Z/-1 - std5nk50z/-1 - stp5nk50z - stp5nk50zfp 8/17 dim. mm. inch min. typ max. min. typ. max. a 4.40 4.60 0.173 0.181 b 0.61 0.88 0.024 0.034 b1 1.15 1.70 0.045 0.066 c 0.49 0.70 0.019 0.027 d 15.25 15.75 0.60 0.620 e 10 10.40 0.393 0.409 e 2.40 2.70 0.094 0.106 e1 4.95 5.15 0.194 0.202 f 1.23 1.32 0.048 0.052 h1 6.20 6.60 0.244 0.256 j1 2.40 2.72 0.094 0.107 l 13 14 0.511 0.551 l1 3.50 3.93 0.137 0.154 l20 16.40 0.645 l30 28.90 1.137 ? p 3.75 3.85 0.147 0.151 q 2.65 2.95 0.104 0.116 to-220 mechanical data
9/17 STB5NK50Z/-1 - std5nk50z/-1 - stp5nk50z - stp5nk50zfp l2 a b d e h g l6 f l3 g1 123 f2 f1 l7 l4 l5 dim. mm. inch min. typ max. min. typ. max. a 4.4 4.6 0.173 0.181 b 2.5 2.7 0.098 0.106 d 2.5 2.75 0.098 0.108 e 0.45 0.7 0.017 0.027 f 0.75 1 0.030 0.039 f1 1.15 1.7 0.045 0.067 f2 1.15 1.7 0.045 0.067 g 4.95 5.2 0.195 0.204 g1 2.4 2.7 0.094 0.106 h 10 10.4 0.393 0.409 l2 16 0.630 l3 28.6 30.6 1.126 1.204 l4 9.8 10.6 .0385 0.417 l5 2.9 3.6 0.114 0.141 l6 15.9 16.4 0.626 0.645 l7 9 9.3 0.354 0.366 ? 3 3.2 0.118 0.126 to-220fp mechanical data
STB5NK50Z/-1 - std5nk50z/-1 - stp5nk50z - stp5nk50zfp 10/17 dim. mm inch min. typ. max. min. typ. max. a 2.20 2.40 0.087 0.094 a1 0.90 1.10 0.035 0.043 a2 0.03 0.23 0.001 0.009 b 0.64 0.90 0.025 0.035 b2 5.20 5.40 0.204 0.213 c 0.45 0.60 0.018 0.024 c2 0.48 0.60 0.019 0.024 d 6.00 6.20 0.236 0.244 e 6.40 6.60 0.252 0.260 g 4.40 4.60 0.173 0.181 h 9.35 10.10 0.368 0.398 l2 0.8 0.031 l4 0.60 1.00 0.024 0.039 v2 0 o 8 o 0 o 0 o p032p_b to-252 (dpak) mechanical data
11/17 STB5NK50Z/-1 - std5nk50z/-1 - stp5nk50z - stp5nk50zfp dim. mm inch min. typ. max. min. typ. max. a 2.2 2.4 0.086 0.094 a1 0.9 1.1 0.035 0.043 a3 0.7 1.3 0.027 0.051 b 0.64 0.9 0.025 0.031 b2 5.2 5.4 0.204 0.212 b3 0.85 0.033 b5 0.3 0.012 b6 0.95 0.037 c 0.45 0.6 0.017 0.023 c2 0.48 0.6 0.019 0.023 d 6 6.2 0.236 0.244 e 6.4 6.6 0.252 0.260 g 4.4 4.6 0.173 0.181 h 15.9 16.3 0.626 0.641 l 9 9.4 0.354 0.370 l1 0.8 1.2 0.031 0.047 l2 0.8 1 0.031 0.039 a c2 c a3 h a1 d l l2 l1 1 3 = = b3 b b6 b2 e g = = = = b5 2 to-251 (ipak) mechanical data 0068771-e
STB5NK50Z/-1 - std5nk50z/-1 - stp5nk50z - stp5nk50zfp 12/17 to-247 mechanical data 1 dim. mm. inch min. typ max. min. typ. max. a 4.4 4.6 0.173 0.181 a1 2.49 2.69 0.098 0.106 a2 0.03 0.23 0.001 0.009 b 0.7 0.93 0.027 0.036 b2 1.14 1.7 0.044 0.067 c 0.45 0.6 0.017 0.023 c2 1.23 1.36 0.048 0.053 d 8.95 9.35 0.352 0.368 d1 8 0.315 e 10 10.4 0.393 e1 8.5 0.334 g 4.88 5.28 0.192 0.208 l 15 15.85 0.590 0.625 l2 1.27 1.4 0.050 0.055 l3 1.4 1.75 0.055 0.068 m 2.4 3.2 0.094 0.126 r0.4 0.015 v2 0 o 4 o d 2 pak mechanical data 3
13/17 STB5NK50Z/-1 - std5nk50z/-1 - stp5nk50z - stp5nk50zfp dim. mm. inch min. typ max. min. typ. max. a 4.40 4.60 0.173 0.181 a1 2.40 2.72 0.094 0.107 b 0.61 0.88 0.024 0.034 b1 1.14 1.70 0.044 0.066 c 0.49 0.70 0.019 0.027 c2 1.23 1.32 0.048 0.052 d 8.95 9.35 0.352 0.368 e 2.40 2.70 0.094 0.106 e1 4.95 5.15 0.194 0.202 e 10 10.40 0.393 0.410 l 13 14 0.511 0.551 l1 3.50 3.93 0.137 0.154 l2 1.27 1.40 0.050 0.055 to-262 (i 2 pak) mechanical data
STB5NK50Z/-1 - std5nk50z/-1 - stp5nk50z - stp5nk50zfp 14/17 tape and reel shipment (suffix ?t4?)* tube shipment (no suffix)* dpak footprint * on sales type dim. mm inch min. max. min. max. a 330 12.992 b 1.5 0.059 c 12.8 13.2 0.504 0.520 d 20.2 0.795 g 16.4 18.4 0.645 0.724 n 50 1.968 t 22.4 0.881 base qty bulk qty 2500 2500 reel mechanical data dim. mm inch min. max. min. max. a0 6.8 7 0.267 0.275 b0 10.4 10.6 0.409 0.417 b1 12.1 0.476 d 1.5 1.6 0.059 0.063 d1 1.5 0.059 e 1.65 1.85 0.065 0.073 f 7.4 7.6 0.291 0.299 k0 2.55 2.75 0.100 0.108 p0 3.9 4.1 0.153 0.161 p1 7.9 8.1 0.311 0.319 p2 1.9 2.1 0.075 0.082 r 40 1.574 w 15.7 16.3 0.618 0.641 tape mechanical data all dimensions are in millimeters all dimensions are in millimeters
15/17 STB5NK50Z/-1 - std5nk50z/-1 - stp5nk50z - stp5nk50zfp tape and reel shipment (suffix ? t4 ? )* tube shipment (no suffix)* d 2 pak footprint * on sales type dim. mm inch min. max. min. max. a 330 12.992 b 1.5 0.059 c 12.8 13.2 0.504 0.520 d 20.2 0795 g 24.4 26.4 0.960 1.039 n 100 3.937 t 30.4 1.197 base qty bulk qty 1000 1000 reel mechanical data dim. mm inch min. max. min. max. a0 10.5 10.7 0.413 0.421 b0 15.7 15.9 0.618 0.626 d 1.5 1.6 0.059 0.063 d1 1.59 1.61 0.062 0.063 e 1.65 1.85 0.065 0.073 f 11.4 11.6 0.449 0.456 k0 4.8 5.0 0.189 0.197 p0 3.9 4.1 0.153 0.161 p1 11.9 12.1 0.468 0.476 p2 1.9 2.1 0.075 0.082 r 50 1.574 t 0.25 0.35 0.0098 0.0137 w 23.7 24.3 0.933 0.956 tape mechanical data
STB5NK50Z/-1 - std5nk50z/-1 - stp5nk50z - stp5nk50zfp 16/17 table 10: revision history date revision description of changes 16-june-2004 1 d 2 pak included. new stylesheet.
17/17 STB5NK50Z/-1 - std5nk50z/-1 - stp5nk50z - stp5nk50zfp information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result f rom its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specificati ons mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectronics. the st logo is a registered trademark of stmicroelectronics all other names are the property of their respective owners ? 2004 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - united states.


▲Up To Search▲   

 
Price & Availability of STB5NK50Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X